PART |
Description |
Maker |
FPS8-1 |
.0315cl Dual Row - Straight Surface Mount Board to Board Socket
|
Major League Electronics
|
10-89-7321 |
(10-89-7xxx) Dual Row / Straight / Breakaway Header
|
Molex
|
TSHS-5-D |
.050x.050 cl Dual Row - Straight Terminal Strip Headers
|
Major League Electronics
|
BSTS-2-D |
.079cl Dual Row - Straight Board Stacker Terminal Strips
|
Major League Electronics
|
BSTS-6-D |
.050*.100 cl Dual Row - Straight Board Stacker Terminal Strips
|
Major League Electronics
|
254900FS |
2.54x2.54mm LOW PROFILE DUAL ROW SOCKET P.C.B. MOUNT STRAIGHT TYPE
|
SUYIN USA, INC.
|
39-28-5261 |
CON-HDR 26 POS .1 CNTR DUAL ROW SH 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
TE Connectivity, Ltd.
|
0901522318 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76μm (29μ) Gold (Au) Selective, 18 Circuits
|
Molex Electronics Ltd.
|
0901522304 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76μm (29μ) Gold (Au) Selective, 4 Circuits 2.54mm (.100) Pitch C-Grid III?PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 0.76μm (29μ) Gold (Au) Selective, 4 Circuits
|
Molex Electronics Ltd.
|
74059-2533 74059-1051 74059-2561 74059-2562 74059- |
VHDM BP 6 ROW SHLD END ASSY 25 COL 175 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT VHDM BP 6 ROW SHLD END ASSY 10 COL 70 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT VHDM BP 6 Row 25 Column Shield End Assy 175 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT Header; No. of Contacts:150; Pitch Spacing:2mm; No. of Rows:6; Series:VHDM; Connector Body Material:Polymer; Contact Termination:Press-Fit 175 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT VHDM 6 Row BP Assy 70 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, PRESS FIT
|
Molex, Inc. MOLEX INC
|
0901522110 90152-2110 |
2.54mm (.100) Pitch C-Grid III PC Board Connector, Dual Row, Right Angle, Straight PCB Pins 1.0μm (40μ) Tin (Sn), 10 Circuits MOLEX Connector
|
Molex Electronics Ltd.
|
|